PART |
Description |
Maker |
RK11K114001Z RK11K114003Y RK11K1140A23 RK11K1140A2 |
11mm Size Insulated Shaft Snap-in Type
|
ALPS ELECTRIC CO.,LTD.
|
P110KV1-1Y25CR100K P110KH P110KH-0F15AR100K P110KH |
11mm Rotary Potentiometer Insulated Shaft Conductive Plastic Element With / Without Bushing RoHS Compliant
|
BITECH[Bi technologies]
|
EC12E24404A6 EC12E24404A8 EC12E2440301 EC50A EC12E |
Insulated shaft type with a wide variety of applications 12mm Size Insulated Shaft Type
|
ALPS ELECTRIC CO.,LTD.
|
RK09Y11L0001 RK09Y11L |
9mm Size Insulated Shaft Long-life Type
|
ALPS ELECTRIC CO.,LTD.
|
G8605-25 G8605 G8605-11 G8605-12 G8605-13 G8605-15 |
Aluminum Snap-In Capacitor; Capacitance: 390uF; Voltage: 420V; Case Size: 30x40 mm; Packaging: Bulk 铟镓砷PIN光电二极 Aluminum Snap-In Capacitor; Capacitance: 220uF; Voltage: 420V; Case Size: 25x35 mm; Packaging: Bulk 铟镓砷PIN光电二极 Aluminum Snap-In Capacitor; Capacitance: 680uF; Voltage: 420V; Case Size: 35x50 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 220uF; Voltage: 420V; Case Size: 30x30 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 470uF; Voltage: 420V; Case Size: 30x45 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 330uF; Voltage: 420V; Case Size: 35x30 mm; Packaging: Bulk InGaAs PIN photodiode
|
Hamamatsu Photonics K.K. HAMAMATSU[Hamamatsu Corporation]
|
63X-201 63X-202 63X-204 63X-203 63X-101 63M-101 63 |
TRIMMER 11MM CERMET EIN 200R 400V 0.5W Single-/Dual-/Triple-Voltage µP Supervisory Circuits with Independent Watchdog Output TRIMMER 11MM CERMET EIN 100R 400V 0.5W 4-Pin SC70 Microprocessor Reset Circuits with Manual Reset Input TRIMMER 11MM CERMET EIN 100K 400V 0.5W TRIMMER 11MM CERMET EIN 5K 400V 0.5W TRIMMER 11MM CERMET EIN 50K 400V 0.5W TRIMMER 11MM CERMET EIN 500R 400V 0.5W Dual/Triple Ultra-Low-Voltage SOT23 µP Supervisory Circuits TRIMMER 11MM CERMET EIN 2K 400V 0.5W TRIMMER 11MM CERMET EIN 1K 400V 0.5W TRIMMER 11MM CERMET EIN 200K 400V 0.5W TRIMMER 11MM CERMET EIN 10K 400V 0.5W TRIMMER 11MM CERMET EIN 1M 400V 0.5W 修边1毫米艾因10000V金属陶瓷.5W Single-/Dual-/Triple-Voltage µP Supervisory Circuits with Independent Watchdog Output 修边1毫米艾因100R 400V金属陶瓷.5W Single-/Dual-/Triple-Voltage µP Supervisory Circuits with Independent Watchdog Output 修边1毫米艾因500K400V金属陶瓷.5W TRIMMER 11MM CERMET EIN 20K 400V 0.5W 修边1毫米艾因20,000 400V金属陶瓷0.5W TRIMMER 11MM CERMET EIN 500K 400V 0.5W 修边1毫米艾因500K00V金属陶瓷0.5W
|
Vishay Intertechnology, Inc. Alliance Semiconductor, Corp.
|
CD29LQL |
EC Snap-In 85∑C Long Lifetime 7.000h Highest Ripple Currents Largest Size(Snap-In)
|
南通江海电容器股份有限公司
|
RK2031110 |
20mm Size Metal Shaft Type
|
ALPS ELECTRIC CO.,LTD.
|
RK271111001T RK2711120026 RK27112A00AK RK27112A00B |
27mm Size Metal Shaft Type
|
ALPS ELECTRIC CO.,LTD.
|
19025-0002 19025-0008 64001-1400 64001-1700 64001- |
.187 Tab Size Nylon Insulated and Fully Insulated Quick Disconnect Solderless Terminals
|
MolexKits
|